PART |
Description |
Maker |
AT83SND2C AT89C51SND2C |
C51 Microcontroller with Embedded MP3 Decoder and 64 Kbytes ROM. MultiMediaCard, DataFlash®, SmartMedia, CompactFlash ... C51 Microcontroller with Embedded MP3 Decoder and 64 Kbytes Flash. MultiMediaCard, DataFlash®, SmartMedia, CompactFlash ...
|
Atmel
|
AT89C5131 AT89C5131-RFTIL |
USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, 7 USB Endpoints, TWI, SPI, UART, PCA 8-bit flash microcontroller with full speed USB device. Memory size 32 Kbytes. Supply voltage 3.0 to 3.6 V.
|
Atmel
|
AT83C51SND1 AT89C51SND1 |
C51 Microcontroller with Embedded MP3 Decoder and 64 Kbytes ROM. MultiMediaCard? DataFlash? SmartMedia? CompactFlash?and IDE Interfaces. SPI and Two-wire Interface (TWI). USB 1.1. Voice Recording. Low Power. In-System Programming via U C51 Microcontroller with Embedded MP3 Decoder and 64 Kbytes Flash. MultiMediaCard? DataFlash? SmartMedia? CompactFlash?and IDE Interfaces. SPI and Two-wire Interface (TWI). USB 1.1. Voice Recording. Low Power. In-System Programming via
|
Atmel
|
LD87C51FB-1 TP80C51FA N80C51FA-24 LN80C51FA-1 D83C |
8-BIT, MROM, 33 MHz, MICROCONTROLLER, CDIP40 8-BIT, 16 MHz, MICROCONTROLLER, PQCC44 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 8-Bit MCU: CISC: EPROM: MCS51 Family
|
INTEL CORP Intel, Corp.
|
5962R9858301VXA UT80CRH196KD-WCA UT80CRH196KD-WCC |
16-bit microcontroller: SMD. Lead finish solder. Class V. 20MHz. Total dose 1E5rads(Si0. Microcontroller. Lead finish solder. Microcontroller. Lead finish gold. Microcontroller. Lead finish optional. Microcontroller. Lead finish gold. Prototype.
|
Aeroflex Circuit Technology
|
AT90USB162-16AU ATMEGA48-15AZ TSC80C51CXXX-40CA TS |
8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP32 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 30 MHz, MICROCONTROLLER, PQFP44
|
ATMEL Corporation TEMIC SEMICONDUCTORS List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
MC68HC11E0MFN2 MC68HC11E20MFN2 MC68HC11E9FN3 MC68H |
(MC68HC711E Series) Microcontrollers Microcontrollers 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQFP52 Microcontrollers 8-BIT, EEPROM, 3 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, EEPROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQCC52 Microcontrollers 8-BIT, UVPROM, 2 MHz, MICROCONTROLLER, CQCC52 Microcontrollers 8-BIT, 2 MHz, MICROCONTROLLER, PDIP56 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, UVPROM, 3 MHz, MICROCONTROLLER, CQCC52 POT 20K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 POT 2.0K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQCC52 56 PF 2% 50V NPO (0805) CHIP CAP 8-channel, 8-bit analog-to-digital (A/D) converter
|
MOTOROLA INC Motorola Mobility Holdings, Inc. Motorola, Inc.
|
AT83C21GC |
GemCore Serial Lite PRO AT83C21GC is based on an Atmel C51 MCU and includes GemCore?Serial Lite Pro software. It is a single-chip ready-to-use pre-certified solution that can be quickly and easily integrated into any serial smart card reader.
|
ATMEL Corporation
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
C513A-LM C511 C513A-RN C511A-RN C513A-HN C511-RN Q |
8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-PDIP -55 to 125 8位CMOS微控制器
|
SIEMENS AG
|
|